PART |
Description |
Maker |
AN1515 |
LIS1R02 (L6671): A DIGITAL OUTPUT ANGULAR ACCELEROMETER
|
SGS Thomson Microelectronics
|
ADIS16130AMLZ ADIS16130 |
Digital Output, High-Precision Angular Rate Sensor
|
Analog Devices
|
L6670 |
ANGULAR ACCELEROMETER
|
SGS Thomson Microelectronics
|
ADXRS150EB |
Angular Rate Sensor ADXRS150
|
Analog Devices
|
ADIS16135 ADIS16135_PCBZ ADIS16135BMLZ ADIS16135/P |
Precision Angular Rate Sensor
|
Analog Devices
|
TLE5012 TLE5012-E0318 TLE5012-E0742 |
GMR-Based Angular Sensor for Rotor Position Sensing
|
Infineon Technologies AG
|
AS5048A AS5048B |
Magnetic Rotary Encoder 14-bit Angular Position Sensor
|
austriamicrosystems AG
|
TC1320EOA TC1320EUA TC1320 TC1320EOATR TC1320EUATR |
The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ... The TC1320 is a serially accessible 8-bit voltage output digital-to-analog converter (DAC). The DAC produces an output voltage that ranges from ground to an externally supplied reference voltage. It operates from a single power supply that 8-Bit Digital-to-Analog Converter with Two-Wire Interface
|
MICROCHIP[Microchip Technology]
|
P4KE11 P4KE10 P4KE100 P4KE100A P4KE20 P4KE20C P4KE |
Reverse stand-off voltage: 138.00V transient voltage suppressor 16-Bit, Ultralow Glitch, Voltage Output, Digital to Analog Converter 8-MSOP -40 to 105 Low Power, Rail-to-Rail Output, 16-Bit, Serial Input Digital-to-Analog Converter 8-MSOP -40 to 105 14-Bit, Single Channel, Parallel Interface, Multiplying Digital-to-Analog Converter 28-SSOP -40 to 85 Single Output LDO, 750mA, Fixed(2.5V), Fast Transient Response, SVS 8-SOIC -40 to 125 8-bit, Quad, Digital-to-Analog Converter with I<sup>2</sup>C interface 10-MSOP -40 to 85 400W瞬态BOLTAGE抑制 400W TRANSIENT BOLTAGE SUPPRESSORS 400W瞬态BOLTAGE抑制
|
WTE[Won-Top Electronics] Won-Top Electronics Co., Ltd.
|
FS30UM-3 |
MITSUBISHI Nch POWER MOSFET HIGH-SPEED SWITCHING USE Bench Power Supply; Output Voltage:35V; Output Current:6A; Number of Outputs:1; Calibrated:No; Display Technology:Digital; Output Current Max:6A; Output Current Min:0A; Output Voltage Max:35V; Output Voltage Min:0V
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|